PART |
Description |
Maker |
MC14043B MC14043BCP MC14043BD MC14043BDR2 MC14043B |
CMOS MSI(Quad R-S Latches) CMOS MSI(Quad R-S Latches) 4000/14000/40000 SERIES, LOW LEVEL TRIGGERED R-S LATCH, TRUE OUTPUT, PDSO16 Replaced by TPS2300 : 2.75-13.6V Dual Sequencing HotSwap IC 16-SOIC -40 to 85
|
ONSEMI[ON Semiconductor]
|
DG221 |
Quad SPST CMOS Analog Switch with Latches
|
Vishay
|
5962-9658801QRX |
RadHard MSI: SMD. Octal transparent latches w/three-state outputs. Class Q, QML. Lead finish optional. Total dose none.
|
Aeroflex Circuit Technology
|
KK4043B |
Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
|
KODENSHI KOREA
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CD4043 CD4043BC CD4043BCM CD4043BCN CD4044 CD4044B |
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
|
FAIRCHILD[Fairchild Semiconductor]
|
AM27C512 AM27C4096-55DC AM27C4096-55DCB AM27C4096- |
512 Kilobit (64 K x 8-Bit) CMOS EPROM 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 90 ns, CDIP28 Quad bistable latches 16-SOIC 0 to 70 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 120 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 55 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-SO 0 to 70 64K X 8 UVPROM, 200 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-PDIP 0 to 70 512千比特(64亩8位)的CMOS存储 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SSOP 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 64K X 8 UVPROM, 70 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 Quad bistable latches 16-PDIP 0 to 70 Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
HD74HC75 |
Quad. Bistable Latches
|
Hitachi Semiconductor
|
MAX4677 MAX4677EPE MAX4677EUE MAX4678 MAX4678EPE M |
2? Quad, SPST, CMOS Analog Switches 2, Quad, SPST, CMOS Analog Switches 2з, Quad, SPST, CMOS Analog Switches 2O, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP16 2 / Quad / SPST / CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAX4679 MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADG812YRUZ ADG813YRU ADG813YRU-REEL ADG813YRU-REEL |
<0.8 Ω CMOS 1.6 V to 3.6V Quad SPST, NO Switch; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
|
Analog Devices, Inc.
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
MC145109 MC145107 MC145112P MC145112 MC145109P MC1 |
CMOS LSI (LOW-POWER COMPLEMENTARY MOS) PLL FREQUENCY SYNTHESIZERS CMOS MSI / Low Power Complementary MOS
|
MOTOROLA[Motorola, Inc]
|